Part Number Hot Search : 
MAX3010 MBR0540G TS3405CS PBY301 HST08 DI106 Z86E0 FS0204MA
Product Description
Full Text Search
 

To Download 0511121200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 03/15/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0511121200 Active
2.50mm (.098") Pitch Wire-to-Wire Plug Housing, With Retainer and Optional Panel Mount, 12 Circuits
Documents: Drawing (PDF) Product Specification PS-51111-001 (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA UL LR19980 E29179
Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Product Name Crimp Housings 51112 N/A
Physical
Circuits (maximum) Color - Resin Flammability Gender Glow-Wire Compliant Material - Resin Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Stackable Temperature Range - Operating 12 Natural 94V-0 Male No Polyester 1 Bag No 0.098 In 2.50 mm No -40C to +105C
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-51111-001, RPS-51111-007 SD-51112-003
Search Parts in this Series 51112Series Mates With 51111 , 51111wr Use With 50398 , 51113
This document was generated on 03/15/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0511121200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X